PART |
Description |
Maker |
XKA20420D |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
PLC-BSC-230UC |
14 mm PLC basic terminal block with screw connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 2 PDTs, input voltage 230 V AC/DC
|
PHOENIX CONTACT
|
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
RIF-0-OPT-24DC |
Pre-assembled solid-state relay module with push-in connection, consisting of: relay base with ejector and plug-in miniature solid-state relay. Input voltage: 24 V DC. Output: 3 - 33 V DC/3 A
|
PHOENIX CONTACT
|
10LPCV2415 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
53246 |
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
HG2-AC12V HG3-AC24V HG3-DC24V HG4-AC115V HG4-AC24V |
High Capacity Power Relay, 20A POWER/SIGNAL RELAY, DPDT, MOMENTARY, 3600mW (COIL), DIN-RAIL MOUNT High Capacity Power Relay, 20A POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 5200mW (COIL), DIN-RAIL MOUNT High Capacity Power Relay, 20A POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 0.066A (COIL), 24VDC (COIL), 1600mW (COIL), DIN-RAIL MOUNT High Capacity Power Relay, 20A POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 7600mW (COIL), SOCKET MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 0.013A (COIL), 200VDC (COIL), 2100mW (COIL), SOCKET MOUNT 20 AMP POWER RELAY
|
Panasonic, Corp. PANASONIC CORP Panasonic Semiconductor
|
TSS2J47 TSS2G45 TSS2G47 TSS2J45 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR (TSS2x4x) TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor] http://
|
|